Part Number Hot Search : 
09105 SG2821 BY126 2702E LT1151 GMBT4403 2N4909 CH5048
Product Description
Full Text Search
 

To Download NTE396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE396 Silicon NPN Transistor Power Amplifier & High Speed Switch (Compl to NTE397)
Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350V Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Continuous Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA Total Device Dissipation (TA = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.7mW/C Total Device Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28.6mW/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35C/W Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175C/W Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Sustaining Voltage VCEO(sus) IC = 50mA, IB = 0, Note 1 Collector Cutoff Current ICEO ICEX ICBO Emitter Cutoff Current ON Characteristics (Note 1) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage hFE VCE(sat) VBE(sat) IC = 2mA, VCE = 10V IC = 20mA, VCE = 10V IC = 50mA, IB = 4mA IC = 50mA, IB = 4mA 30 40 - - - - - - - 160 0.5 1.3 V V IEBO VCE = 300V, IB = 0 VCE = 450V, VBE = 1.5V VCB = 360V, IE = 0 VEB = 6V, IC = 0 350 - - - - - - - - - - 20 500 20 20 V A A A A Symbol Test Conditions Min Typ Max Unit
Note 1. Pulse Test; Pulse Width 300s, Duty Cycle 2%. CAUTION: The sustaining voltage must not be measured on a curve tracer.
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter Small-Signal Characteristics Current Gain-Bandwidth Product Output Capacitance Input Capacitance Small-Signal Current Gain Real Part of Input Impedance fT Cobo Cibo hfe Re(hie) IC = 10mA, VCE = 10V, f = 50MHz VCB = 10V, IE = 0, f = 1MHz VCB = 5V, IC = 0, f = 1MHz IC = 5mA, VCE = 10V, f = 1MHz VCE = 10V, IC = 5mA, f = 1MHz 15 - - 25 - - - - - - - 10 75 - 300 MHz pF pF Symbol Test Conditions Min Typ Max Unit
.370 (9.39) Dia Max .355 (9.03) Dia Max
.260 (6.6) Max
.500 (12.7) Min
.018 (0.45) Base Emitter Collector/Case
45
.031 (.793)


▲Up To Search▲   

 
Price & Availability of NTE396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X